Part Number Hot Search : 
C2331 250YF QBD56IG0 C128K8A1 V7007GP NC7SP05 BDX53 STK412
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 THRU SB1100
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0 Amperes
Features * High current capability * High surge current capability * Low forward voltage drop * Exceeds environmental standards of MIL-S-19500/228 * For use in low voltage, high frequency inverters free wheeling ,and polarity protection applications
Mechanical Data * Case: Molded plastic, DO-41 * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 * Polarity: Color band denotes cathode end * Mounting Position: Any Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5 mm) Lead Length Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 1 A and 25 OC Maximum Reverse Current TA = 25 C at Rated DC Blocking Voltage TA = 100 OC Typical Junction Capacitance 1) Typical Thermal Resistance
2)
O
Symbols VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ TJ ,TS
SB SB 120 130 20 14 20 30 21 30
SB 140 40 28 40
SB 150 50 35 50 1 40
SB 160 60 42 60
SB SB Units 180 1100 80 56 80 100 80 100 V V V A A
0.55
0.7 0.5 10 110 50
0.85
V mA pF
O
C/W
O
Operating Junction Temperature Range Operating and Storage Temperature Range
1)
-55 to +125
-55 to +150 -55 to +150
C C
O
2)
Measured at 1 MHz and applied reverse voltage of 4 VDC. Thermal resistance from junction to ambient 0.375" (9.5 mm) lead length P.C.B mounted with 0.22 X 0.22" (5.5 X 5.5 mm) copper pads
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 28/02/2006 H
SB120 THRU SB1100
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 28/02/2006 H


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X